PART |
Description |
Maker |
PI4MSD5V9543BLEX PI4MSD5V9543BWE |
2 Channel I2C bus switch
|
Pericom Semiconductor C...
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
PCA9549D |
Octal bus switch with individually I2C-bus controlled enables
|
NXP Semiconductors
|
PCU9669B |
Parallel bus to 1 channel Fm and 2 channel UFm I2C-bus controller
|
NXP Semiconductors
|
PCU9661B |
Parallel bus to 1 channel UFm I2C-bus controller
|
NXP Semiconductors N.V.
|
TDA1566TH TDA1566J TDA1566-15 |
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
|
NXP Semiconductors
|
TDA8443A |
I2C-bus controlled YUV/RGB switch
|
PHILIPS[Philips Semiconductors]
|
CXA2089Q |
I2C BUS Controlled Audio/Video Switch
|
SONY
|
MM1495 MM1495XD |
I2C BUS Control 5-Input 2-Output AV Switch Monolithic IC
|
MITSUMI ELECTRIC
|
CWR09CK105JSA CWR09CC105MDB CWR09CC105MDC CWR09CC1 |
4-channel I2C-bus switch with interrupt logic and reset, SOT360-1 (TSSOP20), Reel Pack, SMD, 13" 40 V PNP BISS loadswitch, SOT666 (SS-Mini), Tape reel smd Tantalum Surface Mount Capacitor 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT96-1 (SO8), Tube 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT407-1 (LQFP100), Tray Dry Pack, Bakeable, Single 表面贴装钽电 Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 表面贴装钽电 Hot swappable I2C-bus and SMBus bus buffer, SOT505-1 (TSSOP8), Reel Pack, SMD, 13" 表面贴装钽电
|
KEMET Corporation
|
MM1311 |
I2C BUS Control 4-Input 1-Output AV Switch From old datasheet system
|
Mitsumi
|
M41T82RM6F M41T83RMY6F M41T82ZM6F M41T83SQA6F M41T |
Serial I2C bus real-time clock (RTC) with battery switch-over
|
ST Microelectronics
|